|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch January 2007 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Features Maximum 1.15 On Resistance (RON) for 4.5V Supply 0.3 Maximum RON Flatness for +5V Supply Space-Saving Pb-Free MicroPakTM Packaging Broad VCC Operating Range: 1.65V to 5.5V Fast Turn-on / Turn-off Time Break-Before-Make Enable Circuitry Over-Voltage Tolerant TTL-Compatible Control Input Description The FSA2257 is a high-performance bi-directional dual Single-Pole/Double-Throw (SPDT) analog switch. This switch can be configured as either a multiplexer or a demultiplexer by select pins. The device features ultra-low RON of 1.3 maximum at 4.5V VCC and operates over the wide VCC range of 1.65V to 5.5V. The device is fabricated with submicron CMOS technology to achieve fast switching speeds and is designed for break-before-make operation. The select input is TTL-level compatible. Applications Cell Phone PDA Ultra-Portable Ordering Information Order Number FSA2257L10X(1) Package Product Code Number Pb-Free Top Mark MAC010A Yes EP Package Description 10-Lead MicroPakTM, 1.6 x 2.1mm 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 10-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm Packing Method 5000 Units on Tape and Reel 2500 Units on Tape and Reel FSA2257MTCX (1) MTC14 Yes FSA2257 FSA2257MUX(1) Note: MUA101A Yes FSA 2257 4000 Units on Tape and Reel 1. Lead-free package per JEDEC J-STD-020B. Device available in tape and reel only. Base Band Voice/Bell Ring Base Band Processors with Melody Ring Generation 32 Earpiece Amp Select Pin 8 Loud Speaker FSA2257 Figure 1. Block Diagram MicroPakTM is a trademark of Fairchild Semiconductor Corporation. (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Connection Diagrams 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A GND 1B0 2A GND 2B0 NC VCC 1S 1B1 VCC 2S 2B1 NC GND 1B0 9 1S 8 1A 7 1B1 6 10 5 VCC 1 2B0 2 2S 3 2A 4 2B1 Figure 2. Pin Assignments for TSSOP (Top View) Figure 3. Pad Assignments for MicroPak (Top View) 2B1 1 10 2B0 2S 2 9 2A VCC 3 8 GND 1A 4 7 1S 1B0 5 6 1B1 Figure 4. Pin Assignments for MSOP (Top View) Analog Symbols GND 2B0 1 10 9 1B0 Truth Table Control Input(s) Function LOW Logic Level HIGH Logic Level B0 Connected to A B1 Connected to A 2S 2 8 1S 2A 3 7 1A Pin Descriptions Pin Names Function 2B1 4 5 VCC 6 1B1 A, B0, B1 S Data Ports Control Input (Top Through View) Figure 5. Analog Symbols (Top View) (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 2 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol VCC VSW VIN IIK TSTG TJ TL ESD Supply Voltage DC Switch Voltage DC Input Voltage Switch Current (2) (2) Parameter Min. -0.5 -0.5 -0.5 -50 Max. +6.0 VCC +0.5 +6.0 200 400 Unit V V V mA C C C V Input Diode Current Peak Switch Current (pulsed at 1ms duration, <10% duty cycle) Storage Temperature Range Maximum Junction Temperature Lead Temperature (soldering, 10 seconds) Human Body Model -65 +150 +150 +260 8000 Note: 2. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol VCC VIN VSW TA Supply Voltage Control Input Voltage(3) Switch Input Voltage Operating Temperature Parameter Min. 1.65 0 0 -40 Max. 5.5 VCC VCC +85 Unit V V V C Note: 3. Unused control inputs must be held HIGH or LOW. They may not float. (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 3 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch DC Electrical Characteristics All typical values are at 25C unless otherwise specified. TA=+25C TA= -40C to +85C Symbol VIH VIL IIN INO(OFF), INC(OFF) IA(ON) Parameter Input Voltage High Conditions VCC (V) Min. Typ. Max. Min. Max. Units 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 -1.0 -1.0 -2.0 -4.0 2.6 0.95 2.8 1.5 2.0 4.0 4.0 1.15 -20.0 -40.0 2.0 2.4 0.6 0.8 1.0 1.0 20.0 40.0 4.3 1.3 4.5 2.3 V Input Voltage Low VIN = 0V to VCC A = 1V, 4.5V, B0 or B1 = 1V, 4.5V A = 1V, 4.5V, B0 or B1 = 1V, 4.5V or Floating V A nA nA Control Input Leakage OFF-Leakage Current of Port B0 and B1 ON Leakage Current of Port A 2.7 to 3.6 4.5 to 5.5 5.5 5.5 2.7 4.5 2.7 4.5 RON Switch ON Resistance IOUT = 100mA, B0 or B1 = 1.5V MicroPak(4) IOUT = 100mA, B0 or B1 = 3.5V Switch ON Resistance IOUT = 100mA, B0 or B1 = 1.5V MSOP / TSSOP(4) ON Resistance Matching 5etween Channels(4) MicroPak ON Resistance Matching Between Channels(5) MSOP / TSSOP ON Resistance Flatness(6) IOUT = 100mA, B0 or B1 = 3.5V IOUT = 100mA, B0 or B1 = 3.5V 4.5 0.06 0.12 0.15 RON IOUT = 100mA, B0 or B1 = 3.5V 4.5 0.7 0.3 RFLAT(ON) IOUT = 100mA, B0 or B1 = 0V, 0.75V, 1.5V IOUT = 100mA, B0 or B1 = 0V, 1V, 2V VIN = 0V or VCC, IOUT = 0V 2.7 4.5 3.6 5.5 1.4 0.2 0.1 0.1 0.3 0.5 0.5 0.4 1.0 1.0 A ICC Quiescent Supply Current Notes: 4. On resistance is determined by the voltage drop between A and B pins at the indicated current through the switch. 5. RON = RONmax - RONmin measured at identical VCC, temperature, and voltage. 6. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified range of conditions. (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 4 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch AC Electrical Characteristics All typical values are at 25C unless otherwise specified. TA =+25C TA =-40C to +85C Symbol Parameter Conditions B0 or B1 = 1.5V, RL = 50, CL = 35pF B0 or B1 = 3.0V, RL = 50, CL = 35pF B0 or B1 = 1.5V, RL = 50, CL = 35pF B0 or B1 = 3.0V, RL = 50, CL = 35pF B0 or B1 = 1.5V, RL = 50, CL = 35pF B0 or B1 = 3.0V, RL = 50, CL = 35pF CL = 1.0nF, VGEN = 0V, RGEN = 0 f = 1MHz, RL = 50 f = 1MHz, RL = 50 RL = 50 RL = 600, VIN = 0.5V P.P, f = 20Hz to 20kHz VCC (V) Min. Typ. Max. Min. Max. Units 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 20.0 20.0 10.0 -70.0 -70.0 -75.0 -75.0 350 350 0.002 0.002 50.0 35.0 20.0 15.0 1.0 ns 1.0 pC 60.0 ns 40.0 30.0 ns 20.0 Figure Number tON Turn-On Time Figure 6. tOFF Turn-Off Time Figure 6. tB-M Break-BeforeMake Time Figure 7. Q Charge Injection Figure 9. OIRR Off Isolation dB Figure 8. Xtalk Crosstalk -3db Bandwidth Total Harmonic Distortion dB Figure 8. BW MHz Figure 11. THD % Figure 12. Capacitance TA =+25C TA= 40 to +85C Symbol CIN COFF CON Parameter B Port Off Capacitance A Port On Capacitance Conditions f = 1MHz f = 1MHz VCC (V) Min. Typ. Max. 0.0 4.5 4.5 3.5 12.0 40.0 Min. Max. Units pF pF pF Figure Number Figure 10. Figure 10. Figure 10. Control Pin Input Capacitance f = 1MHz (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 5 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch AC Loading and Waveforms VCC B0 or B1 VCC A RL 50 Control Input 3V 0V tR = tF = 2.5ns 50% VB VOUT CL 35pF S GND tOFF VOUT Switch Output 0 tON 0.9 x VOUT 0.9 x VOUT CL Includes Fixture and Stray Capacitance Logic Input Waveforms Inverted for Switches that have the Opposite Logic Sense Figure 6. Turn-On / Turn-Off Timing VCC VCC A B1 S Control Input GND TD CL Includes Fixture and Stray Capacitance RL 50 CL 35pF VOUT 0.9 x VOUT VOUT Control Input 3V 50% 0V tR = tF = 2.5ns VBn B0 Figure 7. Break-Before-Make Timing VCC 10nF 0 or VCC S BO VCC A VIN Network Analyzer 50 50 0dBm OFF-ISOLATION = 20log ON-LOSS = 20log VOUT VIN VOUT VIN VOUT VIN CROSSTALK = 20log 50 GND B1 VOUT MEAS 50 REF 50 Figure 8. Off Isolation and Crosstalk (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 6 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch AC Loading and Waveform (continued) VOUT VCC RGEN + VGEN B0 or B1 GND S Control Input A CL VOUT VOUT IN OFF ON ON Q = (VOUT)(CL) OFF IN OFF OFF Figure 9. Charge Injection V+ 10nF A 0V or VCC S Capacitance Meter B0 or B1 f = 1MHz GND Figure 10. On / Off Capacitance Measurement Setup 10nF Signal Generator 0dBm BN S VCC A 50 Analyzer Logic Input 0V or VCC GND Figure 11. Bandwidth 10nF VIN Signal Generator Logic Input 0V or VCC BN S VCC A RL Analyzer GND Figure 12. Harmonic Distortion (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 7 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Package Specifications Tape Dimensions for MicroPak 10 Package Designator L10X Tape Section Leader (Start End) Carrier Trailer (Hub End) Dimensions are in millimeters unless otherwise specified. Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed Reel Dimensions for MicroPak 10 Dimensions are in inches (millimeters) unless otherwise noted. Tape Size A B C D N W1 W2 W3 (8mm) 7.0 (177.8) 0.059 (1.50) 0.512 (13.00) 0.795 (20.20) 2.165 (55.00) 0.331 +0.059 / -0.000 (8.40 +1.50 / -0.00) 0.567 (14.40) W1 +0.078 / -0.039 (W1 +2.00 / -1.00) (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 8 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Tape Dimensions for MSOP Dimensions are in inches (millimeters) unless otherwise specified. Reel Dimensions for MSOP Dimensions are in inches (millimeters) unless otherwise specified Tape Size (12mm) A 13 (330) B 0.059 (1.5) C 0.512 (13) D 0.795 (20.2) N 7.008 (178) W1 0.448 (12.4) W2 0.724 (18.4) W3 0.468-0.606 (11.9 -15.4) (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 9 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Physical Dimensions Dimensions are in millimeters unless otherwise noted. Figure 13. 10-Lead MicroPak, 1.6 x 2.1mm (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 10 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Physical Dimensions Dimensions are in millimeters unless otherwise noted. Figure 14. 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 11 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch Physical Dimensions Dimensions are in millimeters unless otherwise noted. Figure 15. 10-Lead Molded Small Outline Package (MSOP), JEDEC MO-187, 3.0mm (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 12 FSA2257 Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch (c) 2006 Fairchild Semiconductor Corporation FSA2257 Rev. 1.0.3 www.fairchildsemi.com 13 |
Price & Availability of FSA225707 |